Part Number Hot Search : 
T0816 BCM5365P 222MA BUXD87T 1005F XXX0C TPA240 UPD3798
Product Description
Full Text Search
 

To Download FAR-F6KB-1G5754-B4GE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Customer Name System FMD Part Number
Standard specifications
GPS (50/100 ohm) FAR-F6KB-1G5754-B4GE
FUJITSU MEDIA DEVICES LIMITED
DATE Version 3.1c Sep. 7, 2005
Table 1. Electrical specifications Passband: 1574.42~ 1576.42 MHz
Item Insertion Loss Ripple Absolute attenuation Condition
1574.42~1576.42 MHz 1574.42~1576.42 MHz 824~849 MHz 880~915 MHz 1475.42 MHz 1525.42 MHz 1625.42 MHz 1675.42 MHz 1710~1785 MHz 1850~1910 MHz 1920~1980 MHz
Specification Min. 36 36 28 25 13 15 19 30 33 -1.1 -11 Typ. 1.1 0.1 43 41 36 40 19 23 25 37 41 1.4 1.4
+0.2/ +0.3 +3.9/ +4.2
Max. 1.5 0.6 1.9 1.9 +1.1 +11
Unit dB dB dB dB dB dB dB dB dB dB dB dB deg. ohm ohm
o
Remarks
VSWR (Input) VSWR (Output)
Amplitude Balance |S21|/|S31| Phase Balance (S21-S31)-180
1574.42~1576.42 MHz 1574.42~1576.42 MHz 1574.42~1576.42 MHz 1574.42~1576.42 MHz
Input Impedance Output Impedance Device size
Unbalanced Balance
50 100 -30 ~ +85 1.4typ.x1.0typ.x0.5max.
Operating Temperature
C
mm
Customer Name System FMD Part Number
Standard specifications
GPS (50/100 ohm) FAR-F6KB-1G5754-B4GE
FUJITSU MEDIA DEVICES LIMITED
DATE Version 3.1c Sep. 7, 2005
Dimension
Device size: 1.4typ. x 1.0typ. x 0.5max.
index
Unit: mm
Pin Configuration Pin No.
1 2 3 4 5
Symbol
IN GND OUT OUT GND
Function
Unbalanced pin Ground Balanced pin Balanced pin Ground
Evaluation Circuit
Port3
3
Port1
Unbalanced Input (50ohm)
1 2,5 4
GND
Balanced Output (100ohm)
Port2
1 ~ 5 : Pin No.
Customer Name System FMD Part Number
Standard specifications
GPS (50/100 ohm) FAR-F6KB-1G5754-B4GE
FUJITSU MEDIA DEVICES LIMITED
DATE Version 3.1c Sep. 7, 2005
Fig.1 Pass-band Characteristic
Input Output
Fig.2 VSWR
Customer Name System FMD Part Number
Standard specifications
GPS (50/100 ohm) FAR-F6KB-1G5754-B4GE
FUJITSU MEDIA DEVICES LIMITED
DATE Version 3.1c Sep. 7, 2005
Fig.3 In-band Characteristic
Fig.4 Wide-band Characteristic
Customer Name System FMD Part Number
Standard specifications
GPS (50/100 ohm) FAR-F6KB-1G5754-B4GE
FUJITSU MEDIA DEVICES LIMITED
DATE Version 3.1c Sep. 7, 2005
Fig.5 Input Impedance
Fig.6 Output Impedance
Customer Name System FMD Part Number
Standard specifications
GPS (50/100 ohm) FAR-F6KB-1G5754-B4GE
FUJITSU MEDIA DEVICES LIMITED
DATE Version 3.1c Sep. 7, 2005
Fig.7 Amplitude Balance
Fig.8 Phase Balance


▲Up To Search▲   

 
Price & Availability of FAR-F6KB-1G5754-B4GE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X